Part Number Hot Search : 
LB501 CH480YPT TG220112 AD834 FN1888 16256 24F6H1 CA13057
Product Description
Full Text Search
 

To Download NMC0603NPO680J100TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? class i dielectric, temperature compensating ? high stability over time, voltage and temperature changes ? low dielectric loss ? nickel barrier terminations and excellent mechanical strength specifications npo features multilayer ceramic chip capacitors nmc series npo 0.4 0.3 0.2 0.1 0.0 -0.1 -0.2 -0.3 -0.4 -55 -25 0 25 50 75 100 125 typical npo temperature coef? cient 1 10 100 1000 1000 100 10 1 0.1 0.01 impedance vs. frequency npo 1000pf 100pf temperature (degrees celsius) frequency (mhz) 0.2 0.1 0.0 -0.1 -0.2 0 10 20 30 40 50 60 70 80 90 100 voltage coef? cient of capacitance - npo dc volts applied minimum insulation resistance vs temperature temperature (degrees c) 10 25 100 150 10,000 1000 100 10 0.2 0.1 0.0 -0.1 -0.2 1 10 100 1000 10000 aging rate - npo hours nmc 0805 npo 101 j 50 trp or trplp 3k f rohs c ompliant optional reel qty (3k=3,000pcs) tape & reel (embossed pla stic carrier) tape & reel (punched carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros, ?r? indicates decimal for under 10pf temperature characteristic size code (see chart) series part number system capacitance range 0.47pf to 0.068 f capacitance tolerance below 10pf: 0.1pf(b), 0.25pf(c), 0.5pf(d) 10pf and above: 1%(f), 2%(g), 5% (j) operating temperature range -55c ~ +125c temperature characteristics 0 30ppm/c rated voltages 25vdc, 35vdc, 50vdc (see nmc-h series for higher voltages) dissipation factor for values >30pf 0.1% @ 25c; for values < 30pf q=400+20 x c (c in pf) insulation resistance 10,000megohms min. or 500megohm/ f (min.), whichever is less @ +25c dielectric withstanding voltage 250% of rated voltage for 5 1 seconds, 50ma maximum current test conditions (eia-198-2e) < 1000pf; 1mhz, 1.2vrms max. or >1000pf; 1khz, 1.2vrms max. expanded 01005 case size
2 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com eia case size 0201 0402 0603 0805 length (l) 0.60.03 1.00.05 1.60.15 2.00.2 width (w) 0.30.03 0.50.05 0.80.15 1.250.2 thickness max. (t) 0.33 0.6 1.0 1.35 termination width (p) 0.150.05 0.20.1 0.12 ~ 0.51 0.25 ~ 0.71 capacitance working voltage (vdc) 10 16 25 50 16 25 50 100 16 25 50 100 16 25 50 100 0.47pf ~ 22pf 24pf 27pf 30pf 33pf 36pf 39pf 43pf 47pf 51pf 56pf 62pf 68pf 75pf 82pf 91pf 100pf 110pf 120pf 130pf 150pf 160pf 180pf 200pf 220pf 240pf 270pf 300pf 330pf 360pf 390pf 430pf 470pf 510pf 560pf 620pf 680pf 750pf 820pf 910pf 0.001pf 0.0012 pf 0.0015 pf 0.0018 pf 0.0022 pf 0.0027 pf * 0.0033 pf * 0.0039pf ** 0.0047pf * 0.0056pf ** 0.0068pf ** 0.0082 pf ** *1.45mm maximum thickness multilayer ceramic chip capacitors nmc series npo (consult factory for capacitance values not listed) p p l w t 100% sn over ni barrier eia case size 01005 length (l) 0.40.02 width (w) 0.20.02 thickness max. (t) 0.22 termination width (p) 0.10.03 capacitance working voltage (vdc) 16 0.5pf 1.0pf 1.5pf 2.0pf 3.0pf 4.0pf 5.0pf 6.0pf 7.0pf 8.0pf 9.0pf 10pf 12pf 15pf 18pf 22pf 27pf 33pf 39pf 47pf 56pf 68pf 82pf 100pf
3 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com eia case size 0805 1206 1210 1812 2225 length (l) 2.00.2 3,20.2 3.20.2 4.50.3 5.700.4 width (w) 1.250.2 1.60.2 2.50.2 3.20.25 6.350.25 thickness max. (t) 1.45 1.80 1.80 1.80 1.80 termination width (p) 0.25 ~ 0.71 0.25 ~ 0.71 0.25 ~ 0.71 0.25 ~ 0.76 0.25 ~ 1.02 capacitance working voltage (vdc) 16 25 50 100 10 16 25 50 100 10 16 25 50 100 25 50 100 50 100 0.47pf ~ 9.1pf see the previous page 10pf ~ 22pf 24pf ~ 0.001 f 0.0012 f 0.0015 f 0.0018 f 0.0022 f 0.0027 f 0.0033 f 0.0039 f 0.0047 f 0.0056 f 0.0068 f 0.0075 f 0.0082 f 0.0091 f 0.01 f 0.012 f 0.015 f * 0.018 f 0.022 f ** 0.027 f ** 0.033 f ** 0.039 f ** 0.047 f 0.056 f *1.90mm maximum thickness, **2.60mm maximum thickness multilayer ceramic chip capacitors nmc series npo see nmc high capactiance datasheet for higher capacitance values or nmc-h high voltage datasheet for higher voltage ratings


▲Up To Search▲   

 
Price & Availability of NMC0603NPO680J100TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X